Electronic Components Datasheet Search
  English  ▼

X  

B36 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # B36
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B36 Datasheet(HTML) 1 Page - Micrel Semiconductor

  B36 Datasheet HTML 1Page - Micrel Semiconductor B36 Datasheet HTML 2Page - Micrel Semiconductor B36 Datasheet HTML 3Page - Micrel Semiconductor B36 Datasheet HTML 4Page - Micrel Semiconductor B36 Datasheet HTML 5Page - Micrel Semiconductor B36 Datasheet HTML 6Page - Micrel Semiconductor B36 Datasheet HTML 7Page - Micrel Semiconductor B36 Datasheet HTML 8Page - Micrel Semiconductor B36 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM803020
Flexible Ultra-Low Jitter Clock Synthesizer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 22, 2013
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM803020 is a dual-PLL clock generator that
achieves ultra-low, 74.2fs_rms output jitter at 156.25MHz
output frequency. It accepts a crystal input or a reference
input.
Each output channel is individually configurable to a
differential PECL, LVDS, HCSL, or CMOS output logic
level. PECL is selected by default, but can be overridden
through SPI. It is packaged in a dual-row 84-pin
7mm x 7mm package.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Typical Application
Features
•
Generates twelve 156.25MHz outputs
•
Independently programmable output logic:
−
Output logic: LVPECL (default), LVDS, HCSL,
LVCMOS
•
74.2fs jitter at 156.25MHz (1.875MHz to 20MHz)
•
Selectable inputs require 39.0625MHz input frequency
−
XTAL (default)
−
Differential or single-ended reference clock (SPI
selectable)
•
2.5V or 3.3V operating power supply
•
Separate output power supplies:
−
Different banks can be at different levels
•
Industrial temperature range (–40°C to +85°C)
•
Green, RoHS, and PFOS compliant
•
Available in 84-pin 7mm × 7mm QFN package
Applications
•
1/10/40/100 Gigabit Ethernet


Similar Part No. - B36

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
u-blox AG
B36 U-BLOX-B36 Datasheet
162Kb / 1P
Vehicle tracking board with u-blox cellular, positioning, and short range modules
B36-G450-1 U-BLOX-B36-G450-1 Datasheet
162Kb / 1P
Vehicle tracking board with u-blox cellular, positioning, and short range modules
B36-G450-2 U-BLOX-B36-G450-2 Datasheet
162Kb / 1P
Vehicle tracking board with u-blox cellular, positioning, and short range modules
B36-R412-1 U-BLOX-B36-R412-1 Datasheet
162Kb / 1P
Vehicle tracking board with u-blox cellular, positioning, and short range modules
More results

Similar Description - B36

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
125MHz Ultra-Low Jitter Clock Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
FlexOut Ultra Low Jitter Clock Generator
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com