Electronic Components Datasheet Search
  English  ▼

X  

B36 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # B36
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B36 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button B36 Datasheet HTML 3Page - Micrel Semiconductor B36 Datasheet HTML 4Page - Micrel Semiconductor B36 Datasheet HTML 5Page - Micrel Semiconductor B36 Datasheet HTML 6Page - Micrel Semiconductor B36 Datasheet HTML 7Page - Micrel Semiconductor B36 Datasheet HTML 8Page - Micrel Semiconductor B36 Datasheet HTML 9Page - Micrel Semiconductor B36 Datasheet HTML 10Page - Micrel Semiconductor B36 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
7
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
HCSL DC Electrical Characteristics
VDDCore = VDD = VDD0 = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C, unless otherwise noted. RL = 50Ω to VSS.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
600
700
850
mV
VOL
Output Low Voltage
−
150
0
27
mV
VCROSS
Crossing Point Voltage
0.350
V
REF_IN DC Electrical Characteristics
VDD = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCMR
Input Common Mode Voltage
0.3
VDD − 0.3
V
VSWING
Input Voltage Swing
Peak to Peak, each side of the Diff Input
0.2
VPP
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load Typical
Fundamental, Parallel Resonant
Frequency
39.0625
MHz
Equivalent Series Resistance (ESR)
60
Ω
Load Capacitance, CL
12
pF
Shunt Capacitor, C0
2
4
pF
Correlation Drive Level
10
100
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com