Electronic Components Datasheet Search
  English  ▼

X  

SMART750XL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART750XL
Description  SmartPro XL Expandable Tower UPS System - Intelligent, line-interactive battery backup and network power management
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750XL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART750XL Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Expandable battery runtime
Runtime is expandable with BP36V15-2U or BP36V42-3U external battery packs
DC system voltage (VDC)
36
Battery Access
Supports battery access and hot-swap replacement without powering connected equipment off
Full load runtime
10 minutes (750VA) expandable
Half load runtime
30 minutes (375VA) expandable
Battery Pack Accessory (optional)
BP36V15-2U (limit 1) or BP36V42-3U (multi-pack compatible)
Replacement Battery Cartridge
RBC53
Typical battery lifespan
4-6 years depending on usage
Battery charge
2-4 hours
VOLTAGE REGULATION
Voltage regulation description
Automatic Voltage Regulation (AVR) circuits maintain clean, regulated computer-grade 100, 110, 120, 127V
nominal output, without using battery power, during brownouts to 91V and overvoltages to 145V
Overvoltage correction
Input voltages between 132 and 145V AC are reduced by 13%
Brownout correction
Input voltages between 91 and 105 V AC are boosted by 17%
Direct pass through
Input voltages between 106 and 131V AC are passed on to connected equipment unchanged
LEDS ALARMS & SWITCHES
Alarms
Audible alarms indicate BATTERY MODE (.4 sec. On / 4.6 sec. Off) and OVERLOAD (.4 sec. On / .6 sec. Off),
UPS POWERED ON (single .4 sec. On)
Switches
Yes, includes 2 front panel mounted switches - POWER ON switch powers UPS on in AC or battery mode when
pressed longer than one second. Power on switch also initiates self test when pressed longer than .5 seconds as
the UPS is in line power mode. Also ser
Front panel LEDs
Includes 14 front panel LEDs to indicate line / battery power status, over / under voltage correction, battery charge
level (4 LEDs), load percentage (4 LEDs), overload and replace battery. Also includes 1 rear panel site wiring fault
indicator.
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480 joules
EMI / RFI AC noise suppression
Yes
AC suppression response time
Instantaneous
PHYSICAL
Installation form factors supported
with included accessories
Tower
Shipping Dimensions (HWD/in)
13 x 10 x 23.75
Shipping Dimensions (HWD/cm)
33 x 25.4 x 60.3
Shipping weight (lbs)
50
Shipping weight (kg)
22.7
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com