Electronic Components Datasheet Search
  English  ▼

X  

SMART750XL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART750XL
Description  SmartPro XL Expandable Tower UPS System - Intelligent, line-interactive battery backup and network power management
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750XL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART750XL Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Unit Dimensions (HWD/in)
8.75 x 6.75 x 16.75
Unit Dimensions (HWD/cm)
22.2 x 17.2 x 42.5
Unit weight (lbs)
45.5
Unit weight (kg)
20.7
Cooling method
Fan
Material of construction
Steel
Form factors supported
Tower
ENVIRONMENTAL
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
Operating Temperature
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
COMMUNICATIONS
WatchDog compatibility
Yes, compatible with Tripp Lite's WatchDog Software to restore operation to locked equipment through soft reboot
of application / OS or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications
Network monitoring port
Includes 2 built-in monitoring ports, 1-USB & 1-DB9. Each supports on battery, low battery, power restored, AC line
voltage, DC battery voltage, load percentage, battery charge current, battery capacity, temperature and line
frequency status messaging. In
SNMP compatibility
Yes via internal SNMP adapter accessory #SNMPWEBCARD
Software and cabling included
Includes PowerAlert UPS monitoring software for all common network and standalone operating systems. Ships
with 2 cables, 1-USB & 1-DB9.
LINE / BATTERY TRANSFER
Transfer time from line power to
battery mode
4-8 milliseconds
Low voltage transfer to battery power
Switches to battery power as line voltage decreases to 90 volts or less. Resets back to line power mode as line
voltage increases to 96 volts or higher.
High voltage transfer to battery
power
Switches to battery power as line voltage increases to 145 volts or higher. Resets back to line power mode as line
voltage decreases to 140V or less.
SPECIAL FEATURES
Appearance
Attractive gray tower UPS
Cold Start
Yes, inverter can be "cold started" to enable temporary AC output during a power failure by pressing and holding the
POWER ON button for longer than 1 second.
CERTIFICATIONS
Certifications
Tested to UL1778 (USA), cUL (Canada), Class B (emissions)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com