Electronic Components Datasheet Search
  English  ▼

X  

SMART750XL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART750XL
Description  SmartPro XL Expandable Tower UPS System - Intelligent, line-interactive battery backup and network power management
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART750XL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART750XL Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART750XL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartPro XL Expandable Tower UPS System -
Intelligent, line-interactive battery backup and
network power management
MODEL NUMBER: SMART750XL
Description
Tripp Lite's SMART 750XL intelligent, line-interactive sine wave UPS system protects servers, networking
accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 30 minutes half load runtime and 10 minutes fully loaded. Runtime is expandable with
optional BP36V15-2U (limit 1) or BP36V42-3U external battery packs. 750VA / 450 watt power handling
capability and full-time sine wave output offers guaranteed compatibility with networking, telecom and other
sensitive electronic applications. Includes 8 protected NEMA 5-15R output receptacles. Supports simultaneous
remote monitoring of UPS and site power conditions via built-in network accessory card slot, USB and DB9
serial monitoring ports. Optional SNMPWEBCARD accessory enables remote monitoring of UPS as a managed
device via network management console applications. Communications interfaces support messaging of UPS
and line power status, plus output power control for delayed or immediate reboot of all connected devices at
once. Includes PowerAlert UPS monitoring and unattended shutdown software with management support for an
unlimited number of network UPS systems. Built-in audible alarm and 15 LEDs provide graphical readout of line
power, battery power, battery charge level, load level, plus AVR boost and trim operational status information.
Network grade AC surge suppression protects equipment from damage and performance problems resulting
from transient surges. Attractive, black tower housing in rugged all-metal enclosure. Two year warranty with
$250,000 Ultimate Lifetime Insurance.
Features
SMART 750XL line-interactive UPS offers battery derived sine wave AC output during power outages, voltage
regulation during brownouts and overvoltages, plus network-grade AC surge suppression
750VA / 450 watt power handling capability with full-time sine wave output offers guaranteed compatibility with networking, telecom and other sensitive
electronic devices
Large internal batteries offer runtimes of 30 minutes at half load (375VA) and 10 minutes at full load (750VA)
Highlights
750VA line interactive,
extended-run tower UPS
Maintains sine-wave 120V
nominal output over an input
range of 91 to 145V
Network communications
supported via USB port, serial
port, SNMP/Web card slot
Current monitoring
Input: NEMA 5-15P (120V 15A) /
Output: 8 NEMA 5-15R (120V)
2 year product warranty /
$250,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for the protection of network
fileservers, internetworking gear,
switches, hubs, POS terminals,
VOIP telephony and traditional
PBX switching systems, back
office computer systems, ATM
machines,
informational/internet/commerce
kiosks, remote unattended
servers, web servers, database
servers, security systems, card
readers, security cameras and
other sensitive electronic devices
requiring clean,
continuously-regulated output
power.
Package Includes
SMART 750XL UPS System
PowerAlert Software CD-Rom
USB and serial cabling
User manual with warranty
information
1 / 5


Similar Part No. - SMART750XL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750XLA TRIPPLITE-SMART750XLA Datasheet
510Kb / 4P
SmartPro 100-120V 750VA 500W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard,Tower, USB, DB9 Serial
More results

Similar Description - SMART750XL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700 ETC2-SMART700 Datasheet
509Kb / 5P
SmartPro Tower UPS System - Intelligent
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMART1500 ETC2-SMART1500 Datasheet
518Kb / 7P
SmartPro Tower UPS System - Intelligent, line interactive network power management system
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMART1500RM2UL TRIPPLITE-SMART1500RM2UL Datasheet
172Kb / 6P
SmartPro UPS, Lithium Battery Backup - 120V 1500VA / 1440W Line Interactive, 2U, Sine Wave, LCD
SMART3000RM2UL TRIPPLITE-SMART3000RM2UL Datasheet
172Kb / 5P
SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com