Electronic Components Datasheet Search
  English  ▼

X  

LD7126 Datasheet(PDF) 3 Page - NEC

Part # LD7126
Description  17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7126 Datasheet(HTML) 3 Page - NEC

  LD7126 Datasheet HTML 1Page - NEC LD7126 Datasheet HTML 2Page - NEC LD7126 Datasheet HTML 3Page - NEC LD7126 Datasheet HTML 4Page - NEC LD7126 Datasheet HTML 5Page - NEC LD7126 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LD7126 SERIES
TYPICAL OPERATION (Note 3, 4 and 5)
2.0 kW
2.4 kW
Unit
Frequency ………………………………………………
17.3 - 18.1
17.3 - 17.8
GHz
Heater Voltage (Note 4) ………………………………
6.6
6.6
V
Heater Current …………………………………………
3.3
3.3
A
Body Voltage ……………………………………………
9.8
9.8
kV
Body Current ……………………………………………
10
10
mA
Collector Voltage ………………………………………
9.8
9.8
kV
Collector Current ………………………………………
0.9
0.9
A
Cathode Current ………………………………………
0.9
0.9
A
DC Input Power
………………………………………
8.82
8.82
kW
Driving Power …………………………………………
84
24
mW
Output Power …………………………………………
2.1
2.5
kW
Power Gain
……………………………………………
44
50
dB
Band Width (-1 dB) ……………………………………
82
47
MHz
Collector Air Flow
……………………………………
660
660
kg/hr
Collector Air Pressure Drop …………………………
1225
1225
Pa
Body Air Flow …………………………………………
205
205
kg/hr
Body Air Pressure Drop ………………………………
200
200
Pa
Gun Air Flow ……………………………………………
43
43
kg/hr
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not be
possible. Equipment design should limit voltage and environmental variations so that ratings will be
exceeded.
Note 2 : The Klystron body should be at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating value is shown on a test performance sheet for each tube.
Note 5 : Characteristics and operating values on this Data Sheet are based on performance test. These values
may be changed as a result of additional information or product improvement. NEC should be con-
sulted before using this information for equipment design. This data sheet should not be referred to a
contractual specification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com