Electronic Components Datasheet Search
  English  ▼

X  

LD7126 Datasheet(PDF) 2 Page - NEC

Part # LD7126
Description  17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7126 Datasheet(HTML) 2 Page - NEC

  LD7126 Datasheet HTML 1Page - NEC LD7126 Datasheet HTML 2Page - NEC LD7126 Datasheet HTML 3Page - NEC LD7126 Datasheet HTML 4Page - NEC LD7126 Datasheet HTML 5Page - NEC LD7126 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LD7126 SERIES
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ………………………………………………
17.3 to 18.1 GHz / 17.3 to 17.8 GHz
Output Power …………………………………………
2.0 kW / 2.4 kW
Heater Voltage …………………………………………
6.6 V
Heater Current …………………………………………
3.3 A
Cathode Type …………………………………………
Indirectly Heated, Impregnated
Cathode Warm-up Time
……………………………
300 s
MECHANICAL
Dimensions ……………………………………………
See Outline
Weight …………………………………………………
27 kg approx.
Focusing
………………………………………………
Permanent Magnet
Mounting Position ……………………………………
Vertical (Cathode down)
Cooling …………………………………………………
Forced Air
Electrical Connections ………………………………
See Outline
RF Connections
Input …………………………………………………
Mates with UG-419/U Flange
Output ………………………………………………
Mates with UG-419/U Flange
Cavity Tuning Method ………………………………
8-12 Channel Preset Tuning
(Hand Tuner is also available)
ABSOLUTE RATINGS ( Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage …………………………………………
4.5
7.5
V
Heater Surge Current
………………………………
–
7.0
A
Heater Current …………………………………………
–
4.5
A
Heater Warm-up Time ………………………………
300
–
s
Body Voltage
…………………………………………
–
10.4
kV
Body Current
…………………………………………
–
30.0
mA
Collector Voltage ………………………………………
–
10.4
kV
Collector Current ………………………………………
–
1.1
A
Cathode Current ………………………………………
–
1.1
A
DC Input Power ………………………………………
–
11.44
kW
Load VSWR
Normal Value ………………………………………
–
1.2 : 1
Instantaneous Value ………………………………
–
1.5 : 1
MECHANICAL
Collector Temperature ………………………………
–
+250
°C
Cooling Air Temperature ……………………………
–10
+50
°C
Collector Air Flow ……………………………………
650
–
kg/hr
Body Air Flow …………………………………………
200
–
kg/hr
Gun Air Flow
…………………………………………
41
–
kg/hr
MECHANICAL
Ambient Temperature
Operating ……………………………………………
+5
+50
°C
Storage ………………………………………………
–50
+70
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com