Electronic Components Datasheet Search
  English  ▼

X  

LD7126 Datasheet(PDF) 1 Page - NEC

Part # LD7126
Description  17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7126 Datasheet(HTML) 1 Page - NEC

  LD7126 Datasheet HTML 1Page - NEC LD7126 Datasheet HTML 2Page - NEC LD7126 Datasheet HTML 3Page - NEC LD7126 Datasheet HTML 4Page - NEC LD7126 Datasheet HTML 5Page - NEC LD7126 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Document No. ET0213EJ3V0DS00 (3rd edition)
Date Published August 1998 M
Printed in Japan
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
The information in this document is subject to change without notice.
©
1996
HIGH POWER CW KLYSTRON
FOR GROUND TERMINALS
LD7126 SERIES
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
NEC LD7126 series are DBS Klystron Amplifiers which employ
five cavities and are ideal for use in the earth-to-satellite commu-
nication systems.
NEC provides the 2.0 kW model (Frequency : 17.3 to 18.1 GHz,
Bandwidth (-1dB) : 80 MHz ) and the 2.4 kW model ( Frequency :
17.3 to 17.8 GHz, Bandwidth (-1dB) : 45 MHz ).
All tubes are forced-air-cooled at any power level. An automatic
channel tuner, which changes the operating frequency very quickly
and simply, is available in all the series.
Furthermore, they are of rugged and reliable design offering
long-life service.
FEATURES
™ Compact and Light Weight (27 kg approx.)
™ High Efficiency
(The DC to RF conversion efficiency is typically 28 % or higher.)
™ High Power Gain
™ Long Life and High Stability
™ Simple Cooling System (forced-air-cooled)
™ Automatic Channel Tuner (8-12 Channels), Hand Tuner model
is also available
™ Permanent Magnet Focusing
™ Rugged Construction


Similar Part No. - LD7126

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7120 LEADTREND-LD7120 Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120CS LEADTREND-LD7120CS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120PS LEADTREND-LD7120PS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
More results

Similar Description - LD7126

ManufacturerPart #DatasheetDescription
logo
NEC
LD7111 NEC-LD7111 Datasheet
57Kb / 4P
17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12LF02 MICROCHIP-SST12LF02_15 Datasheet
2Mb / 17P
2.4 GHz WLAN High-Gain, High-Efficiency FEM
01/15
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com