Electronic Components Datasheet Search
  English  ▼

X  

SMART1200LCD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART1200LCD
Description  Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200LCD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1200LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Smart LCD 1200VA 2U Rack/Tower Line-Interactive
120V UPS with LCD display, USB & serial ports
MODEL NUMBER: SMART1200LCD
Description
Tripp Lite's SMART1200LCD Line-Interactive Digital UPS System offers voltage regulation, surge suppression
and long-lasting battery support for personal computers, network workstations, home entertainment systems and media centers. Internal UPS circuits support
entry-level PCs or individual VCR/DVR components during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits regulate brownouts and overvoltages from 75V to 147V back to usable levels without using battery
power. Offers complete power protection with support for upright tower or 2U rackmount installation in an attractive all-black cabinet design. Includes 8
battery-supported outlets. Built-in USB and DB9 serial ports enables optional unattended system shutdown without data loss in case of extended power failure;
cabling included. PowerAlert Software available via free download from www.tripplite.com. HID-compliant USB interface enables integration with built-in power
management and auto shutdown features of Windows and Mac OS X. Built-in single-line RJ-45 jacks offer protection for equipment with single-line tel/DSL or
network Ethernet connection. Built-in audible alarm and large LCD front panel voltage display indicates line power status, battery power status, battery
low/replace status and voltage boost operation. The LCD display includes a dimmer switch and can be rotated for easy viewing in any application.
1200VA/700W power-handling capacity supports entry-level PCs, home entertainment systems, network workstations and audio/video components. Offers 4
min. battery runtime with a full load of 1200VA/700W and 12 min. with a half load of 600VA/350W. $250,000 Ultimate Lifetime Insurance (USA and Canada
Only).
Features
LCD display indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing whether UPS is in vertical
or horizontal position
SMART1200LCD Digital Uninterruptible Power Supply offers voltage regulation, surge suppression and long-lasting battery support during blackouts
Supports entry-level PCs or single VCR/DVR components during blackouts
Regulates brownouts and overvoltages from 75V to 147V back to usable levels without using battery power
8 UPS battery-supported outlets
Included DB9 serial and USB monitoring ports and cables enable unattended shutdown in case of extended power failure
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
PowerAlert Software available via free download from www.tripplite.com
Set of phone/network protection jacks protects a single dialup/DSL phone line or network Ethernet connection
1200VA/700W power handling ability supports a variety of sensitive computer, home theater and other equipment
Highlights
1200VA / 1.2kVA 2U rack/tower
120V line interactive UPS with
LCD display
Corrects brownouts and
overvoltages from 75V to 147V
LCD screen reports input voltage,
battery charge and UPS status
USB, DB9 serial,
TEL/DSL/ethernet protection,
Rackmount kit
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
SMART1200LCD Digital UPS
USB, DB9 and phone cabling
Mounting hardware
Manual with warranty information
1 / 5


Similar Part No. - SMART1200LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results

Similar Description - SMART1200LCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
OMNI900LCD ETC2-OMNI900LCD Datasheet
507Kb / 6P
Omni LCD 900VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com