Electronic Components Datasheet Search
  English  ▼

X  

SMART1200LCD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART1200LCD
Description  Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200LCD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART1200LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 93 and 107 are boosted by 14%
Severe undervoltage correction
Input voltages between 75 and 92 are boosted by 30%
LEDS ALARMS & SWITCHES
LED Indicators
Front panel LCD display
Front panel LCD display
Backlighted LCD screen indicates input voltage, 5-bar battery charge level, overload, AVR, on battery and replace
battery status; LCD screen rotates for rack/tower viewing
Alarms
Audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using PowerAlert
software
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; dimmer switch controls LCD brightness
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC noise suppression
Yes
PHYSICAL
Included mounting accessory
description
Pair of mounting ears enable tower and 2-4 post rackmount installation
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.5 x 17.2 x 10.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
8.9 x 43.8 x 26.7
Installed whole system dimensions
in secondary form factor (height x
width x depth / cm)
43.8 x 8.9 x 26.7
Installed whole system maximum
rack depth (inches)
10.5
Installed whole system maximum
rack depth (cm)
26.7
Rack Height
2U
Secondary form factor
Tower
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com