Electronic Components Datasheet Search
  English  ▼

X  

SMART1200LCD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART1200LCD
Description  Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200LCD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART1200LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Installed whole system dimensions
in secondary form factor (height x
width x depth / inches)
17.2 x 3.5 x 10.5
UPS dimensions in secondary form
factor (height x width x depth / cm)
43.8 x 8.9 x 26.7
UPS / Power Module weight (lbs)
29.4
UPS / Power Module weight (kg)
13.3
UPS Shipping dimensions (height x
width x depth / inches)
7.5 x 15 x 21.5
UPS Shipping dimensions (height x
width x depth / cm)
19 x 38.1 x 54.6
Shipping weight (lbs)
29.4
Shipping weight (kg)
13.3
UPS housing material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
179.1
Battery mode BTU / hr. (full load)
487.5
AC mode efficiency rating (100%
load)
93%
COMMUNICATIONS
Communications interface
USB (HID enabled); DB9 Serial
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Free download from www.tripplite.com
Communications cable
USB and DB9 Serial cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
75
High voltage transfer to battery
power (setpoint)
147
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com