Electronic Components Datasheet Search
  English  ▼

X  

LD7217 Datasheet(PDF) 3 Page - NEC

Part # LD7217
Description  6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7217 Datasheet(HTML) 3 Page - NEC

  LD7217 Datasheet HTML 1Page - NEC LD7217 Datasheet HTML 2Page - NEC LD7217 Datasheet HTML 3Page - NEC LD7217 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LD7217 SERIES
TYPICAL OPERATION (Note 2, 3 and 6)
LD7217S
LD7217, LD7217W
Unit
Frequency ……………………………………………
5.85 to 6.425
5.85 to 6.425, 5.85 to 6.65
GHz
Output Power ………………………………………
600
700
W
Heater Voltage (Note 4) ……………………………
6.3
6.3
V
Heater Current ………………………………………
1.7
1.7
A
Helix Voltage …………………………………………
11.0
11.2
kV
Helix Current …………………………………………
6.0
3.0
mA
Anode Voltage ………………………………………
11.0
11.2
kV
Anode Current ………………………………………
0.3
0.1
mA
Collector Voltage ……………………………………
6.0
6.2
kV
Cathode Current ……………………………………
425
430
mA
Power Gain
…………………………………………
48 (at 60 W)
57 (at 70 W)
dB
45 (at 600 W)
54 (at 700 W)
dB
Gain Variation ………………………………………
1.5
1.0 (LD7217)
dB/ 575 MHz
1.8 (LD7217 W)
dB/800 MHz
Gain Slope ……………………………………………
0.01 (at 60 W)
0.015 (at 70 W)
dB/MHz
AM-PM Conversion …………………………………
1.5 (at 60 W)
1.5 (at 70 W)
deg./dB
3.5 (at 600 W)
3.5 (at 700 W)
deg./dB
3rd Order Intermodulation
(two equal carriers, 350 W total) …………………
–19
–19
dBc
Air Flow ………………………………………………
204
204
kg/hr
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not be
possible.
Note 2 : The tube body is at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : The accelerating anode voltage should be at cathode potential for the off condition, and at helix for the
full cathode current condition. The accelerating voltage should not exceed the helix voltage by 250
volts.
Note 6 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment design.
This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com