Electronic Components Datasheet Search
  English  ▼

X  

LD7217 Datasheet(PDF) 4 Page - NEC

Part # LD7217
Description  6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7217 Datasheet(HTML) 4 Page - NEC

  LD7217 Datasheet HTML 1Page - NEC LD7217 Datasheet HTML 2Page - NEC LD7217 Datasheet HTML 3Page - NEC LD7217 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LD7217 SERIES
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents, copy-
rights or other intellectual property rights of NEC Corporation or others.
LD7217 SERIES OUTLINE (Unit in mm)
11.9
6.4
±0.5
127
± 1
117
± 0.5
107
± 2
98.5
± 1
106.5
±1.5
139.7 Max.
87.4
± 0.5
50.8
± 0.5
18.3
± 0.5
76.2
122
81.3
±0.5
Air Inlet Interface



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com