Electronic Components Datasheet Search
  English  ▼

X  

LD7217 Datasheet(PDF) 1 Page - NEC

Part # LD7217
Description  6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7217 Datasheet(HTML) 1 Page - NEC

  LD7217 Datasheet HTML 1Page - NEC LD7217 Datasheet HTML 2Page - NEC LD7217 Datasheet HTML 3Page - NEC LD7217 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
Document No. ET0190EJ3V1DS00 (3rd edition)
Date Published August 1998 M
Printed in Japan
6 GHz, 600 W/700 W CW, PPM FOCUSING,
HIGH POWER GAIN
The information in this document is subject to change without notice.
©
1996
HIGH POWER TRAVELING WAVE TUBE
FOR GROUND TERMINALS
LD7217 SERIES
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
NEC LD7217 series of PPM-focused traveling wave tubes are designed for use as final amplifiers in the earth-to-
satellite communications transmitter.
LD7217S and LD7217 are capable of delivering an output power of 600 W and 700 W over the range of 5.85 to
6.425 GHz and provide a high gain of 45 / 54 dB at 600 / 700 W level . In addition, LD7217W is capable of delivering
an output power of 700 W with a gain of 54 dB over the range of 5.85 to 6.65 GHz. The LD7217 series provide a flat
gain variation of 1.5dB (LD7217S) ,1.0dB (LD7217) and 1.8dB (LD7217W) at any power level.
Furthermore, these are of rugged and reliable design offering long-life service.
LD7217S is fully compatible with VTC6361B3, and LD7217 is also fully compatible with VTC6361B4.
FEATURES
™ High Power Gain
The power gain is typically 45 dB at 600 W level and 54 dB at 700 W level.
™ Simple Cooling System
All the tubes are forced-air-cooled, so that the cooling systems are greatly simplified.
™ PPM Focusing
The tubes are PPM (Periodic Permanent Magnet) -focused, eliminating entirely the focusing power supplies and
interlock circuits.
™ Rugged Construction
The tubes are designed to be rugged, therefore they are suitable for transportable systems.
™ Long Life and High Stability
The tubes employ an advanced impregnated cathode with a low operating temperature for long life.
™ Microdischarge Free
The tubes are carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore they are suitable for digital communication service.


Similar Part No. - LD7217

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7213L NEC-LD7213L Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215C NEC-LD7215C Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215D NEC-LD7215D Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
More results

Similar Description - LD7217

ManufacturerPart #DatasheetDescription
logo
NEC
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com