Electronic Components Datasheet Search
  English  ▼

X  

2SC1342 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC1342
Description  Silicon NPN Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1342 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC1342 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 8Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC1342
5
–0.1
–2
–0.5
–0.2
–1.0
–5
Emitter Current IE (mA)
0.2
0
0.4
0.6
0.8
1.0
Reverse Transfer Capacitance
vs. Emitter Current
VCE = 10 V
f = 1 MHz
0.1
0.5
0.2
1.0
20
10
5
2
Collector Current IC (mA)
0
50
100
150
200
250
300
350
400
450
Gain Bandwidth Product vs.
Collector Current
VCE = 6 V
0.1
2
0.5
0.2
1.0
20
510
Collector to Emitter Voltage VCE (V)
6
0
4
2
8
10
12
14
Noise Figure vs. Collector to
Emitter Voltage
IC = 1 mA
f = 100 MHz
Rg = 50 Ω
0.1
2
0.5
0.2
1.0
5
10
Collector Current IC (mA)
6
0
4
2
8
10
12
Noise Figure vs. Collector Current
VCE = 6 V
f = 100 MHz
Rg = 50 Ω
Power Gain Test Circuit
IN
OUT
D.U.T.
RL = 550 Ω
Unit R :
Ω
C : F
300 p
f = 100 MHz
Rg = 100 Ω
3 k
500
0.01
µ
0.1
µ
0.01
µ
VEE
VCC
0.01
µ
10 p
max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com