Electronic Components Datasheet Search
  English  ▼

X  

2SC1342 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC1342
Description  Silicon NPN Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1342 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC1342 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 8Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 9Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC1342
7
10
20
5
12
Collector to Emitter Voltage VCE (V)
1
20
10
5
2
Input Admittance vs. Collector
to Emitter Voltage
bie
gie
Yie = gie + jbie
IC = 1 mA
f = 100 MHz
10
20
5
12
Collector to Emitter Voltage VCE (V)
–0.01
–0.05
–0.1
–0.2
–0.5
–1.0
–0.02
Reverse Transfer Admittance vs.
Collector to Emitter Voltage
bre
gre
Yre = gre + jbre
IC = 1 mA
f = 100 MHz
10
20
5
12
Collector to Emitter Voltage VCE (V)
5
100
50
20
10
Forward Transfer Admittance vs.
Collector to Emitter Voltage
Yfe = gfe + jbfe
IC = 1 mA
f = 100 MHz
gfe
bfe
10
20
5
12
Collector to Emitter Voltage VCE (V)
0.1
2.0
1.0
0.5
0.2
Output Admittance vs. Collector to
Emitter Voltage
Yoe = goe + jboe
IC = 1 mA
f = 100 MHz
goe
boe



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com