Electronic Components Datasheet Search
  English  ▼

X  

2SC1342 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC1342
Description  Silicon NPN Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1342 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC1342 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 8Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC1342
3
150
100
50
Ambient Temperature Ta (
°C)
0
150
100
50
Maximum Collector Dissipation Curve
412
20
816
Collector to Emitter Voltage VCE (V)
20
16
12
8
4
0
Typical Output Characteristics (1)
240
200
160
180
140
120
100
80
60
40
20
µA
IB = 0
PC = 100 mW
412
20
816
Collector to Emitter Voltage VCE (V)
5
4
3
2
1
0
Typical Output Characteristics (2)
IB = 0
10
µA
20
30
40
50
0.60
0.64
0.68
0.72
0.76
0.80
Base to Emitter Voltage VBE (V)
0
4
8
12
16
20
Typical Transfer Characteristics (1)
VCE = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com