Electronic Components Datasheet Search
  English  ▼

X  

2SC3510 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC3510
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3510 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC3510 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 7Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 8Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
2
1. Base
2. Emitter
3. Collector
TO-92 (2)
2SC3128, 2SC3510
3
2
1
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC3127*
1
2SC3128
2SC3510
Unit
Collector to base voltage
V
CBO
20
20
20
V
Collector to emitter voltage
V
CEO
12
12
12
V
Emitter to base voltage
V
EBO
33
3V
Collector current
I
C
50
50
50
mA
Collector power dissipation
P
C
150
350
600
mW
Junction temperature
Tj
150
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
°C
Note:
1. Marking for 2SC3127 is “ID–”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com