Electronic Components Datasheet Search
  English  ▼

X  

2SC3510 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC3510
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3510 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC3510 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 7Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 8Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
20
——V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
12
——V
I
C = 1 mA, RBE = ∞
Emitter cutoff current
I
EBO
——
10
µAV
EB = 3 V, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
µAV
CB = 12 V, IE = 0
DC current transfer ratio
h
FE
30
90
200
V
CE = 5 V, IC = 20 mA
Collector output capacitance
Cob
—
0.9
1.5
pF
V
CB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
f
T
3.5
4.5
—
GHz
V
CE = 5 V, IC = 20 mA
Power gain
PG
—
10.5
—
dB
V
CE = 5 V, IC = 20 mA,
f = 900 MHz
Noise figure
NF
—
2.2
—
dB
V
CE = 5 V, IC = 5 mA,
f = 900 MHz
Maximum Collector Dissipation Curve
600
400
200
0
50
100
150
200
Ambient Temperature Ta (
°C)
2SC3510
2SC3128
2SC3127
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1
2
5
10
20
50
100
0
40
80
120
160
200
VCE = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com