Electronic Components Datasheet Search
  English  ▼

X  

2SC3510 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC3510
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3510 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC3510 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 7Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 8Page - Hitachi Semiconductor 2SC3510 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
4
Gain Bandwidth Product vs.
Collector Current
0
1.0
2.0
3.0
4.0
5.0
Collector Current IC (mA)
12
5
10
20
50
VCE = 5 V
f = 500 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
f = 1 MHz
IE = 0
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
Reverse Transfer Capacitance vs.
Collector to Base Voltage
f = 1 MHz
Emitter Common
Power Gain and Noise Figure vs.
Collector Current
Collector Current IC (mA)
0
4
8
12
16
20
0
1020304050
VCE = 5 V
f = 500 MHz
PG
NF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com