Electronic Components Datasheet Search
  English  ▼

X  

NCT210 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCT210
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT210 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCT210 Datasheet HTML 8Page - ON Semiconductor NCT210 Datasheet HTML 9Page - ON Semiconductor NCT210 Datasheet HTML 10Page - ON Semiconductor NCT210 Datasheet HTML 11Page - ON Semiconductor NCT210 Datasheet HTML 12Page - ON Semiconductor NCT210 Datasheet HTML 13Page - ON Semiconductor NCT210 Datasheet HTML 14Page - ON Semiconductor NCT210 Datasheet HTML 15Page - ON Semiconductor NCT210 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCT210
http://onsemi.com
13
obtained by choosing devices according to the following
criteria:
1. Base-emitter voltage greater than 0.25 V at 6
mA,
at the highest operating temperature.
2. Base-emitter voltage less than 0.95 V at 100
mA, at
the lowest operating temperature.
3. Base resistance less than 100
W.
4. Small variation in hFE (such as 50 to 150), which
indicates tight control of VBE characteristics.
Transistors, such as 2N3904, 2N3906, or equivalents, in
SOT−23 package are suitable devices to use.
Thermal Inertia and Self-heating
Accuracy depends on the temperature of the
remote-sensing diode and/or the internal temperature sensor
being at the same temperature as that being measured, and a
number of factors can affect this. Ideally, the sensor should be
in good thermal contact with the part of the system being
measured, for example the processor. If it is not, the thermal
inertia caused by the mass of the sensor causes a lag in the
response of the sensor to a temperature change. For the
remote sensor, this should not be a problem, because it is
either a substrate transistor in the processor or a small package
device, such as SOT−23, placed in close proximity to it.
The on-chip sensor is, however, often remote from the
processor and only monitors the general ambient
temperature around the package. The thermal time constant
of the QSOP−16 package is approximately 10 seconds.
In practice, the package will have an electrical, and hence
a thermal, connection to the printed circuit board, so the
temperature rise due to self-heating is negligible.
Layout Considerations
Digital boards can be electrically noisy environments, and
because the NCT210 is measuring very small voltages from
the remote sensor, care must be taken to minimize noise
induced at the sensor inputs. The following precautions
should be taken:
1. Place the NCT210 as close as possible to the
remote sensing diode. Provided that the worst
noise sources, such as clock generators,
data/address buses, and CRTs, are avoided, this
distance can be four to eight inches.
2. Route the D+ and D− tracks close together, in
parallel, with grounded guard tracks on each side.
Provide a ground plane under the tracks, if
possible.
3. Use wide tracks to minimize inductance and
reduce noise pickup. 10 mil track minimum width
and spacing is recommended.
4. Try to minimize the number of copper/solder
joints, which can cause thermocouple effects.
Where copper/solder joints are used, ensure they
are in both the D+ and D− paths and at the same
temperature.
Thermocouple effects should not be a major
problem as 1
°C corresponds to about 240 mV, and
thermocouple voltages are about 3
mV/°C of
temperature difference. Unless there are two
thermocouples with a big temperature differential
between them, thermocouple voltages should be
much less than 240
mV.
5. Place a 0.1
mF bypass capacitor close to the VDD
pin, and 2,200 pF input filter capacitors across D+,
D− close to the NCT210.
6. If the distance to the remote sensor is more than
eight inches, the use of twisted pair cable is
recommended. This works up to about 6 to 12 feet.
7. For very long distances (up to 100 feet), use
shielded twisted pair, such as Belden #8451
microphone cable. Connect the twisted pair to D+
and D− and the shield to GND close to the
NCT210. Leave the remote end of the shield
unconnected to avoid ground loops.
Figure 17. Arrangement of Signal Tracks
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
10 MIL
GND
D−
D+
GND
Because the measurement technique uses switched
current sources, excessive cable and/or filter capacitance
can affect the measurement. When using long cables, the
filter capacitor can be reduced or removed. Cable resistance
can also introduce errors. A series resistance of 1
W
introduces about 1
°C error.
Application Circuits
Figure 18 shows a typical application circuit for the
NCT210, using a discrete sensor transistor connected via a
shielded, twisted pair cable. The pullups on SCLK, SDATA,
and ALERT are required only if they are not already
provided elsewhere in the system.
The SCLK and SDATA pins of the NCT210 can be
interfaced directly to the SMBus of an I/O chip. Figure 19
shows how the NCT210 might be integrated into a system
using this type of I/O controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com