Electronic Components Datasheet Search
  English  ▼

X  

NCT210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT210
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT210 Datasheet(HTML) 2 Page - ON Semiconductor

  NCT210 Datasheet HTML 1Page - ON Semiconductor NCT210 Datasheet HTML 2Page - ON Semiconductor NCT210 Datasheet HTML 3Page - ON Semiconductor NCT210 Datasheet HTML 4Page - ON Semiconductor NCT210 Datasheet HTML 5Page - ON Semiconductor NCT210 Datasheet HTML 6Page - ON Semiconductor NCT210 Datasheet HTML 7Page - ON Semiconductor NCT210 Datasheet HTML 8Page - ON Semiconductor NCT210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCT210
http://onsemi.com
2
Figure 1. Functional Block Diagram
ON-CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
BUSY
A-TO-D
CONVERTER
LOCAL TEMPERATURE
VALUE REGISTER
RUN/STANDBY
EXTERNAL DIODE OPEN-CIRCUIT
STATUS REGISTER
SMBus INTERFACE
INTERRUPT
MASKING
ADD0
ADD1
6
10
CONVERTION RATE
REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
REMOTE TEMPERATURE
LOW LIMIT REGISTER
REMOTE TEMPERATURE
HIGH LIMIT REGISTER
CONFIGURATION
REGISTER
GND
7
VDD
2
NCT210
D+
ALERT
3
D− 4
REMOTE TEMPERATURE
VALUE REGISTER
ONE-SHOT
REGISTER
SCLK
14
SDATA
12
15 STBY
ADDRESS POINTER
REGISTER
LOCAL TEMPERATURE
LOW LIMIT COMPARATOR
LOCAL TEMPERATURE
HIGH LIMIT COMPARATOR
REMOTE TEMPERATURE
LOW LIMIT COMPARATOR
REMOTE TEMPERATURE
HIGH LIMIT COMPARATOR
11
NC
1
NC
5
GND
8
NC
9
NC
13
NC
16
NC = NO CONNECT
Table 1. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
NC
No Connect
2
VDD
Positive Supply, 3.0 V to 5.5 V
3
D+
Positive Connection to Remote Temperature Sensor
4
D−
Negative Connection to Remote Temperature Sensor
5
NC
No Connect
6
ADD1
Three-state Logic Input, Higher Bit of Device Address
7
GND
Supply 0 V Connection
8
GND
Supply 0 V Connection
9
NC
No Connect
10
ADD0
Three-state Logic Input, Lower Bit of Device Address
11
ALERT
Open-drain Logic Output Used as Interrupt or SMBus ALERT
12
SDATA
Logic Input/Output, SMBus Serial Data. Open-drain Output
13
NC
No Connect
14
SCLK
Logic Input, SMBus Serial Clock
15
STBY
Logic Input Selecting Normal Operation (High) or Standby Mode (Low)
16
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com