Electronic Components Datasheet Search
  English  ▼

X  

NCT210 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT210
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT210 Datasheet(HTML) 3 Page - ON Semiconductor

  NCT210 Datasheet HTML 1Page - ON Semiconductor NCT210 Datasheet HTML 2Page - ON Semiconductor NCT210 Datasheet HTML 3Page - ON Semiconductor NCT210 Datasheet HTML 4Page - ON Semiconductor NCT210 Datasheet HTML 5Page - ON Semiconductor NCT210 Datasheet HTML 6Page - ON Semiconductor NCT210 Datasheet HTML 7Page - ON Semiconductor NCT210 Datasheet HTML 8Page - ON Semiconductor NCT210 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCT210
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3 to +6.0
V
D+, ADD0, ADD1
−0.3 to VDD +0.3
V
D− to GND
−0.3 to +0.6
SCLK, SDATA, ALERT, STBY
−0.3 to +6.0
V
Input Current
±50
mA
Input Current, D−
±1
mA
ESD Rating, All Pins (Human Body Model)
2,000
V
Continuous Power Dissipation
Up to 70°C
Derating Above 70°C
650
6.7
mW
mW/°C
Operating Temperature Range
−55 to +125
°C
Maximum Junction Temperature (TJ MAX)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering (10 sec)
300
°C
IR Reflow Peak Temperature
220
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
Table 3. THERMAL CHARACTERISTICS
Package Type
qJA
Unit
16-lead QSOP Package
105
°C/W
Table 4. ELECTRICAL CHARACTERISTICS
(TA =TMIN to TMAX, VDD = 3.0 V to 3.6 V, unless otherwise noted) (Note 1)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply and ADC
Temperature Resolution
Guaranteed No Missed Codes
1.0
−
−
°C
Temperature Error, Local Sensor
−3.0
±1.0
+3.0
°C
Temperature Error, Remote Sensor
TA =60°C to 100°C
−3.0
−5.0
−
−
+3.0
+5.0
°C
Supply Voltage Range (Note 2)
3.0
−
3.6
V
Undervoltage Lockout Threshold
VDD Input, Disables ADC, Rising Edge
2.5
2.7
2.95
V
Undervoltage Lockout Hysteresis
−
25
−
mV
Power-on Reset Threshold
VDD, Falling Edge (Note 3)
0.885
1.7
2.2
V
POR Threshold Hysteresis
−
50
−
mV
Standby Supply Current
VDD = 3.3 V, No SMBus Activity
SCLK at 10 kHz
−
−
1.0
4.0
5.0
−
mA
Average Operating Supply Current
0.25 Conversions/Sec Rate
−
130
200
mA
Auto-convert Mode, Averaged Over 4 Sec
2 Conversions/Sec Rate
−
225
370
mA
Conversion Time
From Stop Bit to Conversion Complete
(Both Channels) D+ Forced to D− + 0.65 V
65
115
170
ms
Remote Sensor Source Current
High Level (Note 3)
Low Level (Note 3)
120
7.0
205
12
300
16
mA
D− Source Voltage
−
0.7
−
V
Address Pin Bias Current (ADD0, ADD1)
Momentary at Power-on Reset
−
50
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com