Electronic Components Datasheet Search
  English  ▼

X  

2SC4807 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC4807
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4807 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  2SC4807 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4.5
± 0.1
1.8 Max
1.5
± 0.1
0.44 Max
0.44 Max
0.48 Max
0.53 Max
1.5 1.5
3.0
φ 1
(1.5)
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
UPAK
—
Conforms
0.050 g
Unit: mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com