Electronic Components Datasheet Search
  English  ▼

X  

2SC4807 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC4807
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4807 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC4807 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4807 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4807
4
10
8
6
4
2
0
2
Collector Current I
(mA)
C
f = 900 MHz
V
= 5V
CE
5
10
20
50
100
200
Power Gain vs. Collector Current
Collector Current I
(mA)
C
10
8
6
4
2
0
f = 900 MHz
V
= 5V
CE
2
5
10
20
50
100
200
Noise Figure vs. Collector Current
32
24
16
8
0
Input Power Pin (dBm)
f = 900 MHz
V
= 5V
CE
I = 100 mA
C
8
162432
Output Power vs. Input Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com