Electronic Components Datasheet Search
  English  ▼

X  

2SC5225 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5225
Description  Silicon NPN Epitaxial Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5225 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5225 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC5225
Silicon NPN Epitaxial Transistor
ADE-208-393
1st. Edition
Application
• Wide band video output amplifier for color CRT monitor.
• High frequency high voltage amplifier.
• High speed power switching.
• Complementary pair with 2SA1960.
Features
• High voltage large current operation.
V
CEO = 80 V, IC = 300 mA
• High f
T.
f
T = 1.4 GHz
• Small output capacitance.
Cob = 3 pF


Similar Part No. - 2SC5225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC522 TOSHIBA-2SC522 Datasheet
230Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH VOLTAGE SWITCHING APPLICATIONS. REGULATOR APPLICATIONS.
logo
Panasonic Semiconductor
2SC5223 PANASONIC-2SC5223 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For high-speed switching)
logo
Sanyo Semicon Device
2SC5226 SANYO-2SC5226 Datasheet
123Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
More results

Similar Description - 2SC5225

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com