Electronic Components Datasheet Search
  English  ▼

X  

2SC5225 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC5225
Description  Silicon NPN Epitaxial Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5225 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC5225 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5225
4
500
200
100
20
50
10
1
2
5
10 20
50 100 200 500
I
/ I
= 10
CB
Collector to Emitter Saturation Voltage
vs. Collector Current
Collector Current I
(mA)
C
500
200
100
20
50
10
2
5
1
0.2
0.5
0.1
0
0.2
0.4
0.6
0.8
1.0
V
= 5V
CE
Collector Current vs.
Base to Emitter Voltage
Base to Emitter Voltage V
(V)
BE
10
2
5
1
0.5
1
2
5
10
20
50
I
= 0
f = 1 MHz
E
Collector to Base Voltage V
(V)
CB
Collector Output Capacitance vs.
Collector to Base Voltage
0.5
20
10
5
2
12
5
I
= 0
f = 1 MHz
C
Emitter to Base Voltage V
(V)
EB
Emitter Input Capacitance vs.
Emitter to Base Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com