Electronic Components Datasheet Search
  English  ▼

X  

2SC5225 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5225
Description  Silicon NPN Epitaxial Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5225 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5225 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5225 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5225
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
100
—
—
V
I
C = 100 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
80
——V
I
C = 1 mA, RBE = ∞
Collector to base cutoff current
I
CBO
——
1
µAV
CB = 80 V, IE = 0
Emitter to base cutoff current
I
EBO
——
10
µAV
EB = 3 V, IC = 0
DC current transfer ratio
h
FE
20
70
—
V
CE = 5 V, IC = 50 mA
Pulse test
Gain bandwidth product
f
T
1.2
1.4
—
GHz
V
CE = 10 V, IC = 50 mA
Emitter input capacitance
Cib
—
13
19
pF
V
EB = 0, IC = 0, f = 1 MHz
Collector output capacitance
Cob
—
3
4
pF
V
CB = 10 V, IE = 0, f = 1 MHz
1000
800
600
400
200
0
50
100
150
200
Ambient Temperature Ta (
°C)
Collector Power Dissipation Curve
100
1
2
5
10 20
50 100 200 500
10
20
50
V
= 5V
CE
Collector Current I
(mA)
C
DC Current Transfer Ratio vs.
Collector Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com