Electronic Components Datasheet Search
  English  ▼

X  

PS20313 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS20313
Description  DVB-S Satellite Demodulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20313 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS20313 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20313 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PS20313
DVB-S Satellite Demodulator
Data Sheet
Features
•
Conforms to EBU specification for DVB-S and
DirecTV specification for DSS
•
On-chip digital filtering supports 1 - 45 MSps
symbol rates
•
On-chip 60 or 90 MHz dual-ADC
•
High speed scanning mode for blind symbol
rate/code rate acquisition
•
Automatic spectral inversion resolution
Data Sheet 292103 issue 1
Ordering Information
PS20313 C1L1A5
64Pin LQFP Trays
PS20313 C1L1AT
64Pin LQFP* Tape and Reel
*Pb Free Matte Tin
0°C to +70°C
Description
•
High level software interface for minimum
development time
•
Up to ±22.5 MHz LNB frequency tracking
•
DiSEqC™ v2.2: receive/transmit for full control of
LNB, dish and other components
•
Compact 64-pin LQFP package (7 x 7 mm)
Applications
•
DVB 1 - 45 MSps compliant satellite receivers
•
DSS 20 MSps compliant satellite receivers
•
SMATV (Single Master Antenna TV) trans-
modulators
•
Satellite PC applications
The PS20313 is a QPSK/BPSK 1 - 45 MSps
demodulator and channel decoder for digital satellite
television transmissions to the European Broadcast
Union ETS 300 421 specification. It receives analogue
I and Q signals from the tuner, digitises and digitally
demodulates this signal, implements the complete
DVB/DSS FEC (Forward Error Correction) and de-
scrambling function. The output is in the form of
MPEG2 or DSS transport stream data packets. The
PS20313 also provides automatic gain control to the
RF front-end device.
The PS20313 has a serial 2-wire bus interface to the
control microprocessor. Minimal software is required
to control the PS20313 because of the built in
automatic search and decode control functions.
MPEG/
I I/P
DSS
Timing recovery
DVB
Packets
Decimation
Dual ADC
De-rotator
Matched filter
DSS
Filtering
Phase recovery
FEC
Q I/P
Analog
Acquisition
Bus I/O
Clock Generation
2-Wire Bus
AGC
Control
Interface
Control
Figure 1 - Functional Block Diagram
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
1


Similar Part No. - PS20313

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS2030AA SENSORTECHNICS-PS2030AA Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
PS2030AC SENSORTECHNICS-PS2030AC Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
PS2030GA SENSORTECHNICS-PS2030GA Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
PS2030GC SENSORTECHNICS-PS2030GC Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
PS2030VA SENSORTECHNICS-PS2030VA Datasheet
171Kb / 5P
OEM silicon stainless steel pressure sensor
More results

Similar Description - PS20313

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
Satellite Demodulator
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
Satellite Demodulator
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
SATELLITE RECEIVER FOR DVB-S/DSS
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
DVB-S Satellite Tuner with RF bypass
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
DVB-S/S2 Satellite TV Demodulator
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com