Electronic Components Datasheet Search
  English  ▼

X  

PS22921 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS22921
Description  12V, 500mA Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22921 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS22921 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS22921
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292203 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
3
Absolute Maximum Ratings
(1)
Maximum Input Supply Voltage………………........….… -0.8 to 15V
Enable Voltage………………………………………….... -0.8 to 15V
Power Good…………………………………………….... -0.8 to 15V
Feedback Voltage………………………………………...... -0.8 to 5V
ByPass Voltage……………………………………………. -0.8 to 5V
Recommended Operating Conditions
Input Voltage………………………………….………….. 1.7 to 12V
Enable input Voltage……………………….…………….. 0V to VIN
Junction operating Temperature………………..…… -40
˚C to 125˚C
Thermal Information
(2)
SOT23-5
1 θ
JA
......................................................................... 220
˚C/W
SOIC-8
1 θ
JA
.......................................................................... ….36
˚C/W
Storage Temperature Range……………......................... -65 to 150
˚C
Lead Temperature…………………..………….……………… 260˚C
Junction Temperature……………………….…………... -40 to 125˚C
ELECTRICAL CHARACTERISTICS
Unless otherwise noted: VIN=5V; VO=3.3V; CIN=COUT=22µF; Typical values are TA= 25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Fixed option; 100mV increment
0.5
5.0
V
Output Voltage Range
VO
Adjustable
0.5
Vin -VDO
Output Voltage Tolerance
TBD
%
Feedback Voltage
VFB
0.494
0.50
0.506
V
Maximum Output Current
IO
500
mA
Shutdown current
ISHD
VEN=GND
0.1
1.0
µA
Current Limit
ILIM
550
800
mA
IOUT= 100mA
TBD
IOUT= 250mA
TBD
Supply Current
IQ
IOUT= 500mA
TBD
mA
Load Regulation
3
IOUT= 0.1mA – 150mA
-1.0
1.0
%
Line Regulation
VIN= Vo+1V to 12V; IOUT=10mA
-0.5
0.5
%
IOUT= 100mA
IOUT= 250mA
Dropout Voltage
VDO
IOUT= 500mA
300
mV
Enable Threshold Low
VEN(L)
0.8
V
Enable Threshold High
VEN(H)
1.4
V
Input Enable Low Current
IEN(L)
VEN = 0V
0.01
2.0
µA
Input Enable High Current
IEN(H)
VEN =2V
5.0
8.0
µA
Freq=100Hz
62
Ripple Rejection Ratio
PSRR
IO=50mA
Freq=10KHz
60
dB
CBYP= Open
TBD
Output Noise
en
BW; 10Hz – 100KHz
Io=100mA
COUT= 10µF
CBYP=100nF
TBD
nV/√Hz
Power good low threshold
VOL_PG
IPG=200µA
400
mV
Power good delay
VPG_delay
500
µs
Thermal Shutdown
TSD
140
˚C
Thermal Shutdown Hys.
TSD_HYS
15
˚C
Notes:
1.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Measured on approximately
1” square of 1oz copper.
2.
The PS22921 is guaranteed to meet performance specifications over the -40°C to +125°C operating junction temperature range and
is assured by design, characterization, and correlation with statistical process control.
3.
Load regulation is measured using pulse techniques with duty cycle <5%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com