Electronic Components Datasheet Search
  English  ▼

X  

PS22921 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS22921
Description  12V, 500mA Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22921 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PS22921 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS22921
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292203 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
6
APPLICATION HINT
Input Capacitor (CIN)
Input capacitor may be required when the device is not near
the source power supply or when supplied by a battery.
This capacitor will reduce the circuit’s sensitivity when
powered from complex source impedance and significantly
enhance the output transient response. The input bypass
should be mounted with the short possible track directly
across the regulator’s input and ground terminals. A 10µF
ceramic capacitor should be adequate for most applications.
Output Capacitor (COUT)
The output capacitor provides not only stability to the
regulator, but also, enhances the load transient response. A
minimum capacitance of 10µF is required. When selecting
a ceramic capacitor, only X5R and X7R dielectric types
should be used. Other types such as Z5U and Y5F have
such severe loss of capacitance due to effects of
temperature variation and applied voltage, they may
provide as little as 20% of rated capacitance in many
typical applications.
Always consult capacitor manufacturer’s data curves before
selecting a capacitor. High-quality ceramic capacitors can
be obtained from Taiyo-Yuden, AVX, and Murata. Higher
values of the output capacitance can be used to enhance
loop stability and transient response.
Output Voltage
The adjustable output voltage option allows the user to
select an output voltage by using an external resistor
divider. PS22921 uses a 0.5V reference voltage at the
positive terminal of the error amplifier. To set the output
voltage a programming resistor from the feedback pin (FB)
to ground must be selected.
A 10k
resistor is a good
selection for a programming resistor R2. A higher value
may result in an excessively sensitive feedback node while
a lower value will draw more current and degrade the light
load efficiency. The equation for selecting the voltage
specific resistor is:
FB
O
V
R
R
V
*
2
1
1
+
=
For the fixed output devices, R1 and R2 are included within
the device.
ByPass Capacitor
Connecting a capacitor between the BYP pin and ground
can significantly reduce output noise. Values can range
from 0pF to 100nF, depending on the sensitivity to output
noise in the application. The start up speed of the PS22291
is inversely proportional to the size of the bypass capacitor.
Applications requiring a slow ramp-up of output voltage
should consider larger values of bypass capacitance.
Likewise, if rapid turn on is necessary, consider omitting
CBYP.
Enable/Shutdown
The enable (EN) pin is active high and is compatible with
standard digital signalling levels. When VEN below 0.8V, it
turns the regulator off while VEN above 1.4V turns the
regulator on. If not used, EN can be connected to the input
Voltage. If EN is connected to VIN, it should be connected
as close as possible to the largest capacitance on the input
to prevent voltage droops on that line from triggering the
enable circuit.
Thermal consideration
The PS22291 is designed to provide 500mA of continuous
current in a very small package. Maximum power
dissipation can be calculated based on the output current
and the voltage drop across the part. To determine the
maximum power dissipation of the package, use the
junction-to-ambient thermal resistance of the device and the
following basic equation:


−
=
JA
A
J
D
T
T
P
θ
(max)
(max)
Where TJ(max) is the maximum junction temperature of the
die, TA is the ambient operating temperature, and θJA is
layout dependent.
The actual power dissipation of the
regulator circuit can be determined using the equation:
PD= (VIN – VOUT)*IOUT + VIN*ISUP
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com