Electronic Components Datasheet Search
  English  ▼

X  

PS22921 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS22921
Description  12V, 500mA Fast Transient Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22921 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS22921 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22921 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292203 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
1
PS22921
12V, 500mA Fast Transient Response Linear Regulator
Preliminary
Data Sheet 292203 issue 1 Mar-13
Typical Application
Description
The PS22921 is a high performance, precision linear regulator
with very low dropout voltage and excellent transient response.
It is designed to operate with wide input voltage range of 1.7 –
12 Volts making it ideal for two step conversion. The device is
capable of supplying 500mA of output current with a typical
dropout voltage of 300mV. The output Voltage is available in
either fixed or adjustable options. For fixed option, the internal
resistor network can be set in 100mV increment ranging from
0.5 to 5.0 volts.
The product includes an Enable pin for electrical on/off of the
regulator. Forcing the Enable pin to logic low shuts down the
LDO and reduces the supply current below 1µA. The PS22921
features fast transient response and low self output noise.
Connecting a capacitor form ByPass to GND further enhances
the PSRR and the output noise.
An open collector power good flag with 500µs delay is available
for systems requiring supply monitoring and sequencing of
other supplies. The regulator features the full suite of protection
with a combination of current limit and thermal overload
protection.
The PS22921 is available in SOT23-5 and it is rated for -40°C
to +125°C junction temperature range.
Features
•
VIN Range 1.7 – 12V
•
Fixed and adjustable output voltage
•
500mA maximum output current
•
300mV typical dropout voltage
•
Bypass output for low PSRR and output noise
•
Power Good pin with 500µs delay
•
Low self noise
•
Shutdown mode for longer battery life
•
High PSRR typically 60dB at 100Hz
•
Stable with a wide range of Ceramic, Tantalum
or Electrolytic capacitors
•
Current limit protection
•
Thermal Shutdown
•
-40°C to 125°C temperature range
•
Available in SOT23-5
Applications
•
Set Top Boxes
•
Digital Audio systems
•
DSP
•
POL regulators
•
SMPS post regulator
Vin = 1.7 – 12v


Similar Part No. - PS22921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
More results

Similar Description - PS22921

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
Fast Transient Response, 2A Linear Regulator EV Board
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com