Electronic Components Datasheet Search
  English  ▼

X  

2SD1521 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SD1521
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1521 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SD1521 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SD1521
Silicon NPN Epitaxial
Application
Low frequency power amplifier
Outline
TO-126 MOD
1. Emitter
2. Collector
3. Base
1
2
3
2 k
Ω
(Typ)
0.5 k
Ω
(Typ)
ID
3
2
1
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to emitter voltage
V
CEO
50
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
1.5
A
Collector peak current
I
C (peak)
3.0
A
Collector power dissipation
P
C
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
C to E diode forward current
I
D*
1
1.5
A
Note:
1. Value at T
C = 25°C.


Similar Part No. - 2SD1521

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1520 HITACHI-2SD1520 Datasheet
373Kb / 2P
MEDIUM SPEED POWER AMPLIFIER
2SD1520L HITACHI-2SD1520L Datasheet
373Kb / 2P
MEDIUM SPEED POWER AMPLIFIER
2SD1520S HITACHI-2SD1520S Datasheet
373Kb / 2P
MEDIUM SPEED POWER AMPLIFIER
logo
Inchange Semiconductor ...
2SD1522 ISC-2SD1522 Datasheet
278Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1523 ISC-2SD1523 Datasheet
279Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com