Electronic Components Datasheet Search
  English  ▼

X  

2SD1521 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD1521
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1521 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD1521 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1521
3
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
246
10
8
1
2
3
4
5
IB = 0
TC = 25°C
P
C =
20
W
0.1 mA
0.2
0.3
0.5
10
3
5
1
30
100
300
1,000
3,000
10,000
30,000
Collector current IC (A)
0.03
0.1
0.3
1.0
3
DC Current Transfer Ratio
vs. Collector Current
T C
=
75
°C
25
–25
VCE = 3 V
0.01
0.1
1.0
10
Collector current IC (A)
0.03
0.1
0.3
1.0
3
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
lC/lB = 500
200
Ta = 25
°C
Pulse test
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (A)
0.03
0.1
0.3
1.0
3
Switching Time vs. Collector Current
tf
ton
tstg
Ta = 25
°C
VCC = 30 V
IC = 500 IB1 = –500 IB2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com