Electronic Components Datasheet Search
  English  ▼

X  

2SD1521 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD1521
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1521 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD1521 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD1521
4
0.1
0.3
1.0
3
10
30
100
Time t
0.1
1.0
10
100 (s)
0.1
1.0
10
100 (ms)
Transient Thermal Resistance
0.1 to
100 ms
0.1 to 100 s
TC = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com