Electronic Components Datasheet Search
  English  ▼

X  

2SD1610 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SD1610
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1610 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SD1610 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SD1609, 2SD1610
Silicon NPN Epitaxial
Application
Low frequency high voltage amplifier complementary pair with 2SB1109 and 2SB1110
Outline
1. Emitter
2. Collector
3. Base
TO-126 MOD
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
2SD1609
2SD1610
Unit
Collector to base voltage
V
CBO
160
200
V
Collector to emitter voltage
V
CEO
160
200
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
100
100
mA
Collector power dissipation
P
C
1.25
1.25
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–45 to +150
–45 to +150
°C


Similar Part No. - 2SD1610

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1611 PANASONIC-2SD1611 Datasheet
64Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Guangdong Kexin Industr...
2SD1611 KEXIN-2SD1611 Datasheet
43Kb / 2P
Silicon NPN Triple Diffusion Planar Type Darlington
logo
Inchange Semiconductor ...
2SD1611 ISC-2SD1611 Datasheet
271Kb / 2P
Silicon NPN Power Transistor
2SD1611 ISC-2SD1611 Datasheet
252Kb / 2P
Silicon NPN Power Transistor
2SD1611-251 ISC-2SD1611-251 Datasheet
271Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SD1610

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com