Electronic Components Datasheet Search
  English  ▼

X  

2SD1610 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD1610
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1610 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD1610 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1609, 2SD1610
2
Electrical Characteristics (Ta = 25°C)
2SD1609
2SD1610
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
160
—
—
200
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
160
—
—
200
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5—
—
5
—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
——10—
—
—
µAV
CB = 140 V, IE = 0
—
—
———
10
V
CB = 160 V, IE = 0
DC current tarnsfer ratio h
FE1*
1
60
—
320
60
—
320
V
CE = 5 V, IC = 10 mA
h
FE2
30
—
—
30
—
—
V
CE = 5 V, IC = 1 mA
Base to emitter voltage
V
BE
—
—
1.5
—
—
1.5
V
V
CE = 5 V, IC = 10 mA
Collector to emitter
saturation voltage
V
CE(sat)
——2
—
—
2
V
I
C = 30 mA, IB = 3 mA
Gain bandwidth product f
T
—
140
—
—
140
—
MHz
V
CE = 5 V, IC = 10 mA
Collector output
capacitance
Cob
—
3.8
—
—
3.8
—
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Note:
1. The 2SD1609 and 2SD1610 are grouped by h
FE1 as follows.
BC
D
60 to 120
100 to 200
160 to 320
Maximum Collector Dissipation
Curve
1.5
1.0
0.5
0
50
100
150
Ambient temperature Ta (
°C)
Typical Output Characteristics
20
16
12
8
4
02
4
Collector to emitter voltage VCE (V)
10
8
6
IB = 0
10
µA
20
30
40
60
70
80
90
100
110
120
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com