Electronic Components Datasheet Search
  English  ▼

X  

2SD1610 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD1610
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1610 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD1610 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1610 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1609, 2SD1610
3
100
50
20
10
5
2
1
0
0.2
0.4
Base to emitter voltage VBE (V)
0.6
1.0
0.8
Typical Transfer Characteristics
VCE = 5 V
500
200
100
50
20
10
5
1
2
20
100
10
50
5
Collector current IC (mA)
VCE = 5 V
Pulse
DC Current Transfer Ratio vs.
Collector Current
Ta = 75
°C
25
–25
Saturation Voltage vs. Collector Current
IC = 10 IB
Pulse
5
2
1.0
0.5
0.2
0.1
0.05
12
10
Collector current IC (mA)
550
20
100
VBE(sat)
VCE(sat)
Ta = –25°C
Ta = –25
°C
25
75
75
25
Gain Bandwidth Product vs.
Collector Current
500
200
100
50
20
10
5
1.0
0.5
2
Collector current IC (mA)
20
10
50
5
VCE = 10 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com