Electronic Components Datasheet Search
  English  ▼

X  

ML22563 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ML22563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22563 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ML22563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
12. CLOOP command
command
1
0
0
1
CH3
CH2
CH1
CH0
The CLOOP command releases repeat playback mode.
The command can be input for each channel.
The
CLOOP command allows specifying multiple channels at one time. Setting any bit(s) from CH0 to CH3 to “1”
releases repeat playback on the corresponding channel(s).
When repeat playback mode is released, the NCR
signal goes “H”.
It is possible to input the CLOOP command regardless of the status of the NCR signal during playback, but a
prescribed command interval needs taking.
Channel settings
Channel
CH0
Setting this bit to “1” releases repeat playback on channel 0.
CH1
Setting this bit to “1” releases repeat playback on channel 1.
CH2
Setting this bit to “1” releases repeat playback on channel 2.
CH3
Setting this bit to “1” releases repeat playback on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
CSB
Status
Playing
SCK
SI
NCR
BUSYB
SPM
1/2VDD
SPP
1/2VDD
Address being
controlled
Awaiting command
Awaiting command
PLAY command
2nd byte
SLOOP command
Playing
Command being
processed
CLOOP command
Command being
processed
tcm
CBUSYB
(internal)
(internal)
45/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com