Electronic Components Datasheet Search
  English  ▼

X  

ML22563 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML22563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22563 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML22563 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
FEDL2257-05
Issue Date: Apr. 25, 2013
ML22Q573-NNNMB/ML22Q573-xxxMB/ML2257X-xxxMB
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
1/66
GENERAL DESCRIPTION
The ML22Q573-NNN, ML22Q573-xxx and ML2257X-xxx are 4-channel mixing speech synthesis LSIs with
built-in FLASH/MASK ROM for voice data.
These LSIs incorporate into them an HQ-ADPCM decoder that
enables high sound quality, 16-bit D/A converter, low-pass filter, and 1.0 W monaural speaker amplifier for
driving speakers.
Since functions necessary for voice output are all integrated into a single chip, a system can
be upgraded with audio features by only using one of these LSIs.
• Capacity of internal memory and the maximum voice production time (when HQ-ADPCM※1 method used)
Maximum voice production time (sec)
Product name
ROM capacity
fsam = 8.0 kHz
fsam = 16.0 kHz
fsam = 32.0 kHz
ML22Q573-NNN/-xxx
ML22573-xxx
4 Mbits
161
80
40
ML22572-xxx
2 Mbits
79
39
19
FEATURES
• Speech synthesis method:
Can be specified for each phrase.
HQ-ADPCM / 8-bit non-linear PCM / 8-bit PCM / 16-bit PCM
• Sampling frequency:
Can be specified for each phrase.
12.0/24.0/48.0 kHz, 8.0 / 16.0/32.0 kHz, 6.4/12.8/25.6 kHz
• Built-in low-pass filter and 16-bit D/A converter
• Built-in speaker driver amplifier:
1.0 W, 8
Ω (at DV
DD = 5 V)
• External analog voice input (built-in analog mixing function)
• CPU command interface:
Clock synchronous serial interface
• Maximum number of phrases:
1024 phrases, from 000h to 3FFh
• Edit ROM
• Volume control:
CVOL command: Adjustable through 32 levels (including OFF)
AVOL command: Adjustable through 50 levels (including OFF)
• Repeat function:
LOOP command
• Channel mixing function:
4 channels
• Power supply voltage detection function: Can be controlled at six levels from 2.7 to 4.0 V (including the
OFF setting)
• Source oscillation frequency:
4.096 MHz
• Power supply voltage:
2.7 to 5.5 V
• Operating temperature range:
–40
°C to +105°C※2
• Package:
heat sink type 30-pin plastic SSOP(P-SSOP30-56-0.65-6K-MC)
•Product name:
ML22Q573-NNNMB
ML22573-xxxMB/ML22572-xxxMB
(“xxx” denotes ROM code number)
HQ-ADPCM is a high sound quality audio compression technology of "Ky's".
“Ky’s” is a Registered trademark of National Universities corporate Kyushu
Institute of Technology
※
1
The limitation on the operation time changes by the using condition. (Refer to Page62)
※
2


Similar Part No. - ML22563

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2256-XXXGA OKI-ML2256-XXXGA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2256-XXXHB OKI-ML2256-XXXHB Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML2256X-xxxMB ETC2-ML2256X-xxxMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
More results

Similar Description - ML22563

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com