Electronic Components Datasheet Search
  English  ▼

X  

ML22563 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML22563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22563 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML22563 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
PIN DESCRIPTION (1)
Pin
Symbol
I/O Attribute
Description
Attribute
Initial
value
1
AIN
I
—
Speaker amplifier input pin.
analog
0
2
SG
O
—
Built-in speaker amplifier’s reference voltage output pin.
Connect a capacitor of 0.1
μF or more between this pin and
DGND.
analog
0
3*
2
VDDR
O
—
2.5 V regulator output pin.
Acts as an internal power supply (for ROM). Connect a
capacitor of 10
μF or more between this pin and DGND.
analog
0
4,18
DVDD
—
—
Digital power supply pin.
Connect a bypass capacitor of 10
μF or more between this
pin and DGND.
power
—
5,15
DGND
—
—
Digital ground pin
gnd
—
6
VDDL
O
—
2.5 V regulator output pin.
Acts as an internal power supply (for logic). Connect a
capacitor of 10
μF or more between this pin and DGND.
power
0
7
DIPH
I
Positive
Serial interface switching pin.
Pin for choosing between rising edges and falling edges as
to the edges of the SCK pulses used for shifting serial data
input to the SI pin into the inside of the LSI.
When this pin is at a “L” level, SI input data is shifted into the
LSI on the rising edges of the SCK clock pulses and a status
signal is output from the SO pin on the falling edges of the
SCK clock pulses.
When this pin is at a “H” level, SI input data is shifted into the
LSI on the falling edges of the SCK clock pulses and a status
signal is output from the SO pin on the rising edges of the
SCK clock pulses.
digital
0
8
STATUS
O
Positive
Channel status output pin.
Outputs the BUSYB or NCR signal for each channel by
inputting the OUTSTAT command.
digital
1
9
ERR
O
Positive
Error output pin.
Outputs a “H” level if an error occurs.
digital
0
10
CSB
I
Negative
Chip select pin.
A “L” level on this pin accepts the SCK or SI inputs. When
this pin is at a “H” level, neither the SCK nor SI signal is input
to the LSI.
digital
1
11
SCK
I
Positive Synchronous serial clock input pin.
clk
0
12
SI
I
—
Synchronous serial data input pin.
When the DIPH pin is at a “L” level, data is shifted in on the
rising edges of the SCK clock pulses.
When the DIPH pin is at a “H” level, data is shifted in on the
falling edges of the SCK clock pulses.
digital
0
13
SO
O
Positive
Channel status serial output pin.
Outputs a status signal on the falling edges of the SCK clock
pulses when the DIPH pin is at a ”L” level; outputs a status
signal on the rising edges of the SCK clock pulses when the
DIPH pin is at a ”H” level.
When the CSB pin is at a ”L” level, the status of each channel
is output serially in sync with the SCK clock. When the CSB
pin is at a ”H” level, this pin goes into a high impedance state.
digital
Hi-Z
5/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com