Electronic Components Datasheet Search
  English  ▼

X  

ML610Q461 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ML610Q461 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
DC CHARACTERISTICS (3/5)
(VDD = 3.0V, VSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Supply current 1
IDD1
CPU: In STOP state.
Low-speed/high-speed
RC500kHz/2MHz oscillation:
stopped.
Ta= 25
°C
0.4
0.8
µA
1
*
5
8
Supply current 2
IDD2
CPU: In HALT state (LTBC and WDT
are Operating).*
3*4
High-speed 500kHz/2MHz
oscillation: Stopped.
LCD and BIAS circuits: Operating. *
6
Ta= 25
°C
0.9
1.8
µA
*
5
9
Supply current 3
IDD3
CPU: In 32.768kHz operating
state.*
1*3
High-speed 500kHz/2MHz
oscillation: Stopped.
LCD and BIAS circuits: Operating. *
2
Ta= 25
°C
5
8
µA
*
5
15
Supply current
4-1
IDD4-1
CPU: In RC 500kHz operating state.
LCD and BIAS circuits: Operating. *
2
Ta= 25
°C
70
100
µA
*
5
120
Supply current
4-2
IDD4-2
CPU: In RC 2MHz operating state.
LCD and BIAS circuits: Operating. *
2
Ta= 25
°C
280
350
µA
*
5
400
*
1: When the CPU operating rate is 100% (No HALT state).
*
2: All SEGs: off waveform, No LCD panel load, 1/3 bias, 1/3 duty, Frame frequency: Approx. 64 Hz, Bias voltage multiplying
clock: 1/128 LSCLK (256Hz)
*
3 : Use 32.768KHz Crystal resonator DT-26 (Load capacitance 6pF) (made by KDS:DAISHINKU CORP.) is used (C
GL=CDL=6pF)
*
4 : Significant bits of BLKCON0~BLKCON4 registers except DLCD bit on BLKCON4 are all “1”.
*
5 : Recommended operating temperature (Ta =
−20 to +70°C, Ta = −40 to +85°C for P version)
*
6: LCD Stop mode, 1/3 bias, Bias voltage multiplying clock: 1/128 LSCLK (256Hz)
22/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com