Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML9212
Description  32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9212 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML9212 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
10/17
FUNCTIONAL DESCRIPTION
Power-on Reset
When power is turned on, ML9212 is initialized by the internal power-on reset circuit.
The status of the internal circuit after initialization is as follows:
 The contents of the shift registers and latches are set to “0”.
 The digital dimming duty cycle is set to “0”.
 All segment outputs are set to Low level.
 GRID1 outputs are set to Low level.
 GRID2 to 3 outputs are set to High level.
Data Transfer Method
Data can be transferred between the rising edge and the next falling edge of chip select input.
The mode data, segment data and dimming data are written by a serial transfer method. The serial data is input to
the shift register at the rising edge of a shift clock pulse.
The mode data (M0 to M2) must be transferred after the segment data and dimming data succeedingly.
When the chip select input falls, an internal LOAD signal is automatically generated and data is loaded to the
latches.
Function Mode
Function mode is selected by the mode data (M0 to M2). The relation between function mode and mode data is as
follows:
FUNCTION DATA
FUNCTION MODE
OPERATING MODE
M0
M1
M2
0
Segment Data for GRID1-3 Input
0
0
0
1
Segment Data for GRID1 Input
1
0
0
2
Segment Data for GRID2 Input
0
1
0
3
Segment Data for GRID3 Input
1
1
0
4
Digital Dimming Data Input
0
0
1
Segment Data Input [Function Mode: 0 to 3]
 ML9212 receives the segment data when function mode 0 to 3 are selected.
 The same segment data is transferred to the 3 segment data latches corresponding to
GRID1 to 3 at the same time
when the function mode 0 is selected.
 The segment data is transferred to only one segment data latch corresponding to the specified GRID when the
function mode is 1, 2 or 3 is selected.
 Segment output (SEG1 to 32) becomes High level (lightning) when the segment data (S1 to S32) is set to “1”.
[Data Format]
Input Data
: 35 bits
Segment Data
: 32 bits
Mode Data
: 3 bits
Bit
1
2
3
4
29
30
31
32
33
34
35
Input DATA
S1
S2
S3
S4
S29
S30
S31
S32
M0
M1
M2
(3 bits)
Segment Data (32 bits)
Mode Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com