Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9212
Description  32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9212 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9212 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
8/17
AC Characteristics
Ta = –40 to +105°C, VDISP = 8.0 to 18.0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Frequency
fC
—
—
2.0
MHz
Clock Pulse Width
tCW
—
200
—
ns
Data Setup Time
tDS
—
200
—
ns
Data Hold Time
tDH
—
200
—
ns
CS Off Time
tCSL
—
20
—
s
CS Setup Time
(CS-Clock)
tCSS
—
200
—
ns
CS Hold Time
(Clock-CS)
tCSH
—
200
—
ns
CS Wait Time
tRSOFF
—
400
—
ns
tR
tR = 20% to 80%
—
2.0
s
Output Slew Rate Time
tF
CL = 100 pF
tF = 80% to 20%
—
2.0
s
VDD Rise Time
tPRZ
Mounted in a unit
—
100
s
VDD Off Time
tPOF
Mounted in a unit, VDD = 0.0 V
5.0
—
ms
TIMING DIAGRAM
Data Input Timing
Reset Timing
Driver Output Timing
CS
CLOCK
DATA IN
tDS
tDH
tCSS
–0.8VDD
–0.2VDD
–0.8VDD
–0.2VDD
–0.8VDD
–0.2VDD
1/fC
tCW
tCW
tCSH
tCSL
VALID
VALID
VALID
VALID
VDD
CS
tPOF
tPRZ
tRSOFF
–0.8VDD
–0.0 V
–0.8VDD
–0.0 V
–0.8VDISP
–0.2VDISP
SEG1-32, GRID1-3
tR
tR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com