Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML9212
Description  32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9212 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML9212 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9212 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FEDL9212-01
LAPIS Semiconductor
ML9212
4/17
PIN DESCRIPTIONS
Symbol
Pin
Type
Description
VDISP
43, 56
—
Power supply pins for VFD driver circuit.
43 pin and 56 pin should be connected externally.
VDD
14
—
Power supply pin for logic drive.
D-GND
12, 49
—
L-GND
21
—
D-GND is ground pin for the VFD driver circuit. L-GND is ground pin
for the logic circuit. 12 pin, 21 pin and 49 pin should be connected
externally.
SEG1 to 22
30 to 42,
44 to 48,
50 to 53
O
Segment (anode) signal output pins for a VFD tube.
These pins can be directly connected to the VFD tube.
External circuit is not required.
lOHL  –5 mA
SEG23 to 32
1 to 8,
54, 55
O
Segment (anode) signal output pins for a VFD tube.
These pins can be directly connected to the VFD tube.
External circuit is not required.
lOHL  –10 mA
GRID1 to 3
9, 10, 11
O
Inverted Grid signal output pins.
For pre-driver, the external circuit is required.
lOL  10 mA
CS
18
I
Chip select input pin.
Data is not transferred when CS is set to a Low level.
CLOCK
19
I
Shift clock input pin.
Serial data shifts at the rising edge of the CLOCK.
DATA IN
20
I
Serial data input pin (positive logic).
Data is input to the shift register at the rising edge of the CLOCK
signal.
DUP/TRl
24
I
Duplex/Triplex operation select input pin.
Duplex (1/2 duty) operation is selected when this pin is set to VDD.
Triplex (1/3 duty) operation is selected when this pin is set to L-GND.
M/S
25
I
Master/Slave mode select input pin.
Master mode is selected when this pin is set to VDD.
Slave mode is selected when this pin is set to L-GND.
DIM IN
15
I
Dimming pulse input.
When the slave mode is selected, the pulse width of the all segment
output are controlled by a input pulse width of DIM IN.
Connect this pin to the master side DIM OUT pin at the slave mode.
When the master mode is selected, the input level of this pin is
ignored and the pulse width of the all grids and segment outputs are
controlled by a built-in 10-bit dimming circuit.
Connect this pin to VDD or L-GND at the master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com