Electronic Components Datasheet Search
  English  ▼

X  

ML22808 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML22808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22808 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML22808 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
AC Characteristics
DVDD = AVDD = 2.7 to 3.6 V, DGND = PGND = AGND = 0 V, Ta = -20 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Master clock duty cycle
fduty
—
40
50
60
%
RESET input pulse width
tRST
—
1
—
—
μs
SCK setup time for falling edge of
CS
tCKS
—
200
—
—
ns
SCK hold time for falling edge of
CS
tCKH
—
200
—
—
ns
Data setup time for rising edge of SCK
tDIS1
DIPH = “L”
50
—
—
ns
Data hold time for rising edge of SCK
tDIH1
DIPH = “L”
50
—
—
ns
Data setup time for rising edge of SCK
tDIS2
DIPH = “H”
50
—
—
ns
Data hold time for rising edge of SCK
tDIH2
DIPH = “H”
50
—
—
ns
SCK “H” level pulse width
tSCKH
—
200
—
—
ns
SCK “L” level pulse width
tSCKL
—
200
—
—
ns
NCR output delay time for rising edge of SCK
tDN1
DIPH = “L”
—
—
150
ns
NCR output delay time for falling edge of SCK
tDN2
DIPH = “H”
—
—
150
ns
BUSY output delay time for rising edge of SCK
tDB1
DIPH = “L”
—
—
150
ns
BUSY output delay time for falling edge of SCK
tDB2
DIPH = “H”
—
—
150
ns
SEL0 and SEL1 setup time for falling edge of
BUSY (*4)
tSB
Memory bank
function used
1
—
—
μs
SEL0 and SEL1 hold time for falling edge of
BUSY (*4)
tBS
Memory bank
function used
1
—
—
μs
Command input interval time
tINT
fOSC = 4.096 MHz;
At STOP, SLOOP,
CLOOP or VOL
command input
6
—
—
μs
Command input enable time
tcm
fOSC = 4.096 MHz;
During continuous
playback;
At SLOOP input
—
—
10
ms
“L” level output time of NCR and
BUSY at
PUP1 command input
tPUP1
1.9
2.0
2.1
ms
“L” level output time of NCR and
BUSY at
PUP2 command input
tPUP2
When a 4.096 MHz
external clock is
input
65
66
67
ms
“L” level output time of NCR and
BUSY at
PDWN1 command input
tPD1
—
—
6
μs
“L” level output time of NCR and
BUSY at
PDWN2 command input
tPD2
fOSC = 4.096 MHz
63
64
65
ms
NCR “L” level output time 1 (*1)
tNCR1
fOSC = 4.096 MHz
—
—
6
μs
NCR “L” level output time 2 (*2)
tNCR2
fOSC = 4.096 MHz;
After phrase data
input by the PLAY
command
—
4.125
4.38
ms
BUSY “L” level output time (*3)
tBSY
fOSC = 4.096 MHz
—
—
6
μs
Note: Output pin load capacitance = 55 pF (Max)
*1:
Applies to cases where a command is input except after a PUP1, PUP2, PDWN1, PDWN2, SLOOP, or
CLOOP command input or except after a phrase data input by the PLAY command.
*2:
Indicates the time when the sampling frequency of the phrase played last was 4 kHz.
For any other
sampling frequency, the NCR “L” output time 2 is proportional to that sampling frequency.
After reset
release, a sampling freuency is set to 4 kHz.
11/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com