Electronic Components Datasheet Search
  English  ▼

X  

ML22808 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ML22808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22808 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ML22808 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
8.
SLOOP command
• command
1
0
0
0
⎯
⎯
⎯
⎯
The SLOOP command is used to set repeat playback mode.
The CLOOP command is used to release repeat
playback mode.
Since the SLOOP command is valid only during playback, be sure to input the SLOOP command while the NCR
signal is at a “H” level after the PLAY command is input.
The NCR signal remains “L” during repeat playback
mode.
Once repeat playback mode is set, the current phrase is repeatedly played back until the repeat playback setting
is released by SLOOP command or until playback is stopped by the STOP command.
In the case of a phrase
using the edit function, the edited phrase is repeatedly played back.
Since repeat playback mode is released when playback is stopped by the STOP command, input the SLOOP
command once again if desired to repeat the playback.
Following shows the SLOOP command input timing.
CS
Status
SCK
DI
NCR
BUSY
AOUT
1V
tcm
PLAY command
2
nd byte
SLOOP command
CLOOP command
Awaiting command
Playing
Address is being controlled
Address is being controlled
Playing
Awaiting command
Command is being processed
Effective Range of SLOOP Command Input
After the PLAY command is input, input the SLOOP command within 10 ms (tcm) after NCR goes “H”.
This
will enable the SLOOP command, so that repeat playback will be carried out.
34/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com