Electronic Components Datasheet Search
  English  ▼

X  

ML22808 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ML22808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22808 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ML22808 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22808 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
10.
VOL command
• command
1
0
1
0
V3
V2
V1
V0
The VOL command is used to adjust the playback volume.
Although it is possible to input the VOL command
regardless of the status of the NCR signal, a prescribed command interval time needs taking.
Note that VOL
command input during power down, shifting to power up, and shifting to power down will be ignored.
The volume can be set in 16 steps, as shown in the table below.
The initial value after reset release is set to 0
dB.
During power down or at the time of input of the STOP command, the value set by the VOL command
will be retained.
V3
V2
V1
V0
Volume
0
0
0
0
0 dB
0
0
0
1
−0.63 dB
0
0
1
0
−1.31 dB
0
0
1
1
−2.05 dB
0
1
0
0
−2.85 dB
0
1
0
1
−3.74 dB
0
1
1
0
−4.73 dB
0
1
1
1
−5.85 dB
1
0
0
0
−7.13 dB
1
0
0
1
−8.64 dB
1
0
1
0
−10.45 dB
1
0
1
1
−12.76 dB
1
1
0
0
−15.92 dB
1
1
0
1
−20.90 dB
1
1
1
0
−33.98 dB
1
1
1
1
OFF
36/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com