Electronic Components Datasheet Search
  English  ▼

X  

ML22P802 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ML22P802
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P802 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ML22P802 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
Memory Allocation and Creating Voice Data
The ROM is partitioned into four data areas: voice (i.e., phrase) control area, test area, voice area, and edit ROM
area.
The voice control area manages the ROM’s voice data.
It contains data for controlling the start/stop addresses
of voice data for 256 phrases, use/non-use of the edit ROM function and so on.
The test area contains data for testing.
The voice area contains actual waveform data.
The edit ROM area contains data for effective use of voice data.
For the details, refer to the section of “Edit
ROM Function.”
No edit ROM area is available unless the edit ROM is used.
The ROM data is created using a dedicated tool.
ROM address (ML22808/ML22804/ML22802-XXX, ML22P808/ML22P804/ML22P802)
Voice control area
(Fixed16 Kbits)
Test area
Edit ROM area
Depends on creation
of ROM data.
0x00000
0x007FF
0x00800
Max: 0xFFFFF
Max: 0xFFFFF
0x00807
0x00808
Voice area
Playback Time and Memory Capacity
The playback time depends upon the memory capacity, sampling frequency, and playback method.
The equation showing the relationship is given below.
The equation below gives the playback time when the edit ROM function is not used.
(Bit length is 2 bits for 2-bit ADPCM2; 4 bits for 4-bit ADPCM2; 8 bits for PCM.)
Example
: Let the sampling frequency be 16 kHz and 4-bit ADPCM2 algorithm.
Then the playback time is
approx. 65 seconds, as shown below.
Playback time =
≅ 65 (sec)
1.
16
024
× (4096 – 16) (Kbit)
(kHz)
× 4 (bit)
23/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com