Electronic Components Datasheet Search
  English  ▼

X  

ML22P802 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ML22P802
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P802 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ML22P802 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
APPLICATION CIRCUITS
• ML22808/ML22804/ML22P808/ML22P804
AOUT
SEL1
SEL0
DVDD
PVDD
AVDD
DGND
PGND
AGND
RESET
CS
SCK
DI
NCR
BUSY
DIPH
TEST0,1
VPP
XT
XT
MCU
4.096MHz
33pF
3.3V
Speaker amplifier
33pF
• ML22802/ML22P802
MCU
RESET
CS
SCK
DI
NCR
4.096MHz
33pF
33pF
Speaker amplifier
AOUT
SEL
DVDD
PVDD
AVDD
DGND
PGND
AGND
BUSY
DIPH
TEST0,1, 2
VPP
XT
3.3V
XT
38/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com